PART |
Description |
Maker |
IPC-510 IPC-510BP-00XBE IPC-510BP-30ZBE IPC-510MB- |
4U Rackmount Chassis with Front USB and PS/2 Interfaces
|
Advantech Co., Ltd.
|
96CB-SATAPOWER-6P2 1990001949 2130006189S000 19500 |
2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
|
Advantech Co., Ltd.
|
IPC-60212 ACP-200012 ACP-2000P4-00XE |
2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces 2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
|
Advantech Co., Ltd.
|
PIC32MX1XX12 PIC32MX210F016B PIC32MX230F064B PIC32 |
32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
|
Microchip Technology
|
PIC32MX150F128C PIC32MX150F128D PIC32MX170F256B PI |
32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
|
Microchip Technology
|
AT83C5127XXX-RATIM AT83C5127 AT83C5127XXX-PURIM AT |
Transceiver contains logic necessary to transmit and receive MF signaling used in China on one IC. MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
STM32F103V8 STM32F103RBU6TR STM32F103RBU6XXX STM32 |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics http://
|
STM32F105VBT6TR STM32F105VBT6XXX STM32F105VBT7TR S |
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
|
STMicroelectronics
|
STM32F103X810 STM32F103V8H6TR STM32F103V8H6XXX STM |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics
|
STM32F405ZGT6 STM32F405RG STM32F407IE STM32F407ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
STMicroelectronics
|